Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB80NF06 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STB80NF06
Description  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF06 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STB80NF06 Datasheet HTML 6Page - STMicroelectronics STB80NF06 Datasheet HTML 7Page - STMicroelectronics STB80NF06 Datasheet HTML 8Page - STMicroelectronics STB80NF06 Datasheet HTML 9Page - STMicroelectronics STB80NF06 Datasheet HTML 10Page - STMicroelectronics STB80NF06 Datasheet HTML 11Page - STMicroelectronics STB80NF06 Datasheet HTML 12Page - STMicroelectronics STB80NF06 Datasheet HTML 13Page - STMicroelectronics STB80NF06 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package mechanical data
STP80NF06 - STB80NF06 - STW80NF06
12/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
A1
2.20
2.60
0.086
0.102
b
1.0
1.40
0.039
0.055
b1
2.0
2.40
0.079
0.094
b2
3.0
3.40
0.118
0.134
c
0.40
0.80
0.015
0.03
D
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e5.45
0.214
L
14.20
14.80
0.560
0.582
L1
3.70
4.30
0.14
0.17
L2
18.50
0.728
øP
3.55
3.65
0.140
0.143
øR
4.50
5.50
0.177
0.216
S5.50
0.216
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14