Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16C596M Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STP16C596M
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596M Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STP16C596M Datasheet HTML 10Page - STMicroelectronics STP16C596M Datasheet HTML 11Page - STMicroelectronics STP16C596M Datasheet HTML 12Page - STMicroelectronics STP16C596M Datasheet HTML 13Page - STMicroelectronics STP16C596M Datasheet HTML 14Page - STMicroelectronics STP16C596M Datasheet HTML 15Page - STMicroelectronics STP16C596M Datasheet HTML 16Page - STMicroelectronics STP16C596M Datasheet HTML 17Page - STMicroelectronics STP16C596M Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
STP16C596
16/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
8.2
8.4
0.323
0.331
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP24 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18