| Moteur de recherche de fiches techniques de composants électroniques |
|
STA7360 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA7360 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 18 page ![]() STA7360 2/18 PIN CONNECTION (Top view) ABSOLUTE MAXIMUM RATINGS THERMAL DATA Symbol Parameter Value Unit VS Operating Supply Voltage 20 V Io Output Peak Current (non rep. for t = 100 µs) 5 A Io Output Peak Current (rep. freq. > 10Hz) 4 A Ptot Power Dissipation at Tcase = 85°C 36 W Tstg,TJ Storage and Junction Temperature -40 to 150 °C Symbol Parameter Value Unit Rth j-case Thermal Resistance Junction-case Max 1.8 °C/W 1 2 3 4 5 6 7 9 10 11 8 STAND-BY OUT1 +VS OUT2 SVR P-GND IN2(+) OUT BRIDGE S-GND CLIP DET IN1(+) TAB CONNECTED TO PIN 6 D98AU938A |