Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C580CP40 Fiches technique(PDF) 38 Page - Exar Corporation

No de pièce ST16C580CP40
Description  UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C580CP40 Fiches technique(HTML) 38 Page - Exar Corporation

Back Button ST16C580CP40 Datasheet HTML 33Page - Exar Corporation ST16C580CP40 Datasheet HTML 34Page - Exar Corporation ST16C580CP40 Datasheet HTML 35Page - Exar Corporation ST16C580CP40 Datasheet HTML 36Page - Exar Corporation ST16C580CP40 Datasheet HTML 37Page - Exar Corporation ST16C580CP40 Datasheet HTML 38Page - Exar Corporation ST16C580CP40 Datasheet HTML 39Page - Exar Corporation ST16C580CP40 Datasheet HTML 40Page - Exar Corporation ST16C580CP40 Datasheet HTML 41Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
ST16C580
38
Rev. 1.20
Transmit ready timing in FIFO mode
STOP BIT
PARITY BIT
DATA BITS (5-8)
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS
7 DATA BITS
START BIT
TX
-IOW
IOW
D0-D7
-TXRDY
BYTE #16
T28d
T27d
X550-TX-3
FIFO Full
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41