| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS192 Fiches technique(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS192 Fiches technique(HTML) 14 Page - Texas Instruments |
|
14 / 22 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74LS193DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS193DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS193DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS193DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS193DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74LS193J OBSOLETE CDIP J 16 TBD Call TI Call TI SN74LS193J OBSOLETE CDIP J 16 TBD Call TI Call TI SN74LS193N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS193N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS193N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS193N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS193NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS193NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS193NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS193NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS193NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS193NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54192J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54192J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54192W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54192W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54193J OBSOLETE CDIP J 16 TBD Call TI Call TI SNJ54193J OBSOLETE CDIP J 16 TBD Call TI Call TI SNJ54193W OBSOLETE CFP W 16 TBD Call TI Call TI SNJ54193W OBSOLETE CFP W 16 TBD Call TI Call TI SNJ54LS193FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS193FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS193J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS193J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS193W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS193W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in PACKAGE OPTION ADDENDUM www.ti.com 17-Oct-2005 Addendum-Page 2 |