Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL5802LP Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button AL5802LP Datasheet HTML 2Page - Diodes Incorporated AL5802LP Datasheet HTML 3Page - Diodes Incorporated AL5802LP Datasheet HTML 4Page - Diodes Incorporated AL5802LP Datasheet HTML 5Page - Diodes Incorporated AL5802LP Datasheet HTML 6Page - Diodes Incorporated AL5802LP Datasheet HTML 7Page - Diodes Incorporated AL5802LP Datasheet HTML 8Page - Diodes Incorporated AL5802LP Datasheet HTML 9Page - Diodes Incorporated AL5802LP Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AL5802LP
Document number: DS37549 Rev. 4 - 2
7 of 10
www.diodes.com
March 2016
© Diodes Incorporated
AL5802LP
Application Information (continued)
Figure 12 Typical Application Circuit for
Linear Mode Current Sink LED Driver
Figure 13 Application Circuit for Increasing LED Current
PWM dimming can be achieved by driving the EN pin. An external open-collector NPN transistor or open-drain N-channel MOSFET can be used to
drive the EN pin as shown in Figure 14. Dimming is achieved by turning the LEDs ON and OFF for a portion of a single cycle. The PWM signal can
be provided by a micro-controller or analog circuitry. Figure 15 is a typical response of LED current vs. PWM duty cycle on the EN pin.
-or-
Figure 14 Application Circuits for LED Driver with PWM Dimming Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10