| Moteur de recherche de fiches techniques de composants électroniques |
|
T1069 Fiches technique(PDF) 1 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
T1069 Fiches technique(HTML) 1 Page - Pulse A Technitrol Company |
|
1 / 8 page ![]() 14 www.pulseeng.com G003.U (2/07) Pulse is a leading provider of magnetics for telecom infrastructure equipment, customer premises equipment, audio interface applications, and emerging applications such as VoIP. Our broad portfolio of transformers and integrated transformer modules support T1/E1/ISDN-PRI, T3/E3/STS-1, ISDN-S, ISDN-U, Digital Audio, and DDS. Package options include surface mount, through hole, single, dual, quad and octal covering standard and extended temperature ranges. Many parts meet ANSI, ITU and ETSI requirements, and many are recognized by UL, TUV, Austel and/or CSA. Numerous models incorporate our patented “Interlock Base” construction, ensuring high reliability. Please see our “Telecom IC Cross Reference” section that begins on page 18. TRANSFORMERS T1/E1/CEPT/ISDN-Pri—SINGLE, DUAL Part RoHS-6 Turns Ratio Package Data Number Part Number L/W/H (in.)* Sheet Part RoHS-6 Turns Ratio Package Data Number Part Number L/W/H (in.)* Sheet SINGLE TRANSFORMERS 1.5 kV Isolation, Standard Temperature Range, THT PE-64931 PE-64931NL 1:1:1 (1:2CS) .350 / .500 / .250 T608 PE-64933 PE-64933NL 1CT:3CT .350 / .500 / .250 T608 PE-64934 PE-64934NL 1:1 .350 / .500 / .250 T608 PE-64936 PE-64936NL 1CT:1 .350 / .500 / .250 T608 PE-64937 PE-64937NL 1:1.36 .350 / .500 / .250 T608 PE-64940 PE-64940NL 1:1:1.58 .350 / .500 / .250 T608 PE-64941 PE-64941NL 1:1:2 .350 / .500 / .250 T608 PE-64942 PE-64942NL 1:1:2.62 .350 / .500 / .250 T608 PE-64943 PE-64943NL 1CT:2CT .350 / .500 / .250 T608 PE-65351 PE-65351NL 1:2CT .350 / .500 / .250 T608 PE-65363 PE-65363NL 1:4CT .350 / .500 / .250 T608 PE-65379 PE-65379NL 1:1.14CT .350 / .500 / .250 T608 PE-65388 PE-65388NL 1:1.15CT .350 / .500 / .250 T608 PE-65389 PE-65389NL 1:1:1.266 .350 / .500 / .250 T608 PE-65415 PE-65415NL 1CT:2CT .350 / .500 / .250 T608 PE-65558 PE-65558NL 1:2.3CT .350 / .500 / .250 T608 PE-65586 PE-65586NL 1:1.36CT .350 / .500 / .250 T608 PE-65755 PE-65755NL 1CT:1CT .350 / .500 / .250 T608 PE-68644 PE-68644NL 1CT:1 .350 / .500 / .250 T608 PE-68645 PE-68645NL 1:1.36CT .350 / .500 / .250 T608 T1054 T1054NL 1:1.5CT .350 / .500 / .250 T608 T1249 T1249NL 1:1.26CT .350 / .500 / .250 T608 1.5 kV Isolation, Extended Temperature Range, THT PE-68664 PE-68664NL 1:1/1.26 .350 / .500 / .250 T608 PE-65340 PE-65340NL 1:1.36 .350 / .500 / .250 T608 PE-65770 PE-65770NL 1:1.15CT .350 / .500 / .250 T608 PE-65771 PE-65771NL 1CT:2CT .350 / .500 / .250 T608 PE-65778 PE-65778NL 1CT:1CT .350 / .500 / .250 T608 PE-68600 PE-68600NL 1CT:3CT .350 / .500 / .250 T608 TX1252 TX1252NL 1CT:1 .350 / .500 / .250 T608 T1229 T1229NL 1:1.583CT .350 / .500 / .250 T659 1.5 kV Isolation, Extended Temperature Range, SMT TX1281 ⎯ 1CT:1 .220 / .305 / .200 T669 TX1282 ⎯ 1.14CT:1 .220 / .305 / .200 T669 TX1283 ⎯ 1.35CT:1 .220 / .305 / .200 T669 TX1284 ⎯ 1.26CT:1 .220 / .305 / .200 T669 TX1491 ⎯ 1CT:1 .220 / .305 / .200 T669 TX1492 ⎯ 2CT:1 .220 / .305 / .200 T669 TX1314 ⎯ 1:1/1.26 .300 / .390 / .250 T678 TX1315 ⎯ 1CT:1CT .300 / .390 / .250 T678 TX1320 ⎯ 1CT:1.36CT .300 / .390 / .250 T678 3.0 kV – Reinforced Insulation per IEC 950, THT PE-65830 PE-65830NL 1:1:1.58 .558 / .558 / .400 T608 PE-65831 PE-65831NL 1:1:2 .558 / .558 / .400 T608 3.0 kV – Reinforced Insulation per IEC 950, THT (continued) PE-65832 PE-65832NL 1:1.36CT .558 / .558 / .400 T608 PE-65833 PE-65833NL 1CT:2CT .558 / .558 / .400 T608 PE-65834 PE-65834NL 1:1 .558 / .558 / .400 T608 PE-65835 1 PE-65835NL 1CT:2CT .558 / .558 / .400 T608 PE-65836 PE-65836NL 1CT:3CT:1 .558 / .558 / .400 T608 PE-65837 PE-65837NL 1:1.08:1.36 .558 / .558 / .400 T608 PE-65838 PE-65838NL 1:1.14 .558 / .558 / .400 T608 PE-65839 PE-65839NL 1:1:1.266 .558 / .558 / .400 T608 PE-68646 PE-68646NL 1:1.58:2 .558 / .558 / .400 T608 PE-68788 PE-68788NL 1CT:1.41CT .558 / .558 / .400 T608 DUAL TRANSFORMERS 1.5 kV Isolation, Extended Temperature Range, THT PE-68618 PE-686 18NL 1CT:1CT & 1CT:3CT:0.25 1.000 / .390 / .290 T608 PE-64950 PE-64950NL 1CT:1CT & 1CT:3CT:1 1.000 / .390 / .290 T608 PE-65567 PE-65567NL 1:1.15CT & 1:2CT .800 / .390 / .290 T608 PE-65568 PE-65568NL 1:1:1.266 & 1:2CT .800 / .390 / .290 T608 PE-65774 PE-65774NL 1CT:2CT & 1:1.36CT .800 / .390 / .290 T608 1.5 kV Isolation, Standard Temperature Range, THT PE-64951 PE-64951NL 1:2CT & 1:2CT .800 / .390 / .250 T608 PE-64952 PE-64952NL 1:2CT & 1:1.36CT .800 / .390 / .250 T608 PE-64953 PE-64953NL 1:2CT & 1:2CT .800 / .390 / .250 T608 PE-64954 PE-64954NL 1CT:2CT & 1:1 .800 / .390 / .250 T608 PE-64955 PE-64955NL 1.58:2CT & 1.58:1 .800 / .390 / .250 T608 PE-64956 PE-64956NL 2:2CT & 2:1 .800 / .390 / .250 T608 PE-64957 PE-64957NL 2.62:2CT & 2.62:1 .800 / .390 / .250 T608 PE-65565 PE-65565NL 1:1.15CT & 1:2CT .800 / .390 / .290 T608 PE-65566 PE-65566NL 1:1:1.266 & 1:2CT .800 / .390 / .290 T608 1.5 kV Isolation, Standard Temperature Range, BH Package, SMT T1136 T1136NL 1CT:1CT & 1CT:1.36CT .505 / .375 / .245 T608 T1022 T1022NL 1CT:1CT & 1CT:1.5CT .505 / .375 / .245 T608 T1190 T1190NL 1CT:1.36CT & 1CT:1CT .505 / .375 / .245 T654 PE-65861 PE-65861NL 1CT:2CT & 1CT:2CT .505 / .375 / .245 T608 PE-65862 PE-65862NL 1CT:2CT & 1:1.36CT .505 / .375 / .245 T608 PE-65865 PE-65865NL 1:1.15CT & 1CT:2CT .505 / .375 / .245 T608 PE-65866 PE-65866NL 1:1/1.26 & 1CT:2CT .505 / .375 / .245 T608 PE-65870 PE-65870NL 1CT:1.15CT & 1CT:1.15CT .505 / .375 / .245 T608 PE-68678 PE-68678NL 1CT:1CT & 1CT:2CT .505 / .375 / .245 T608 PE-68786 PE-68786NL 1CT:1.41CT & 1CT:1.41CT .505 / .375 / .245 T608 T1023 T1023NL 1CT:1.41CT & 1CT:1.41CT .505 / .375 / .245 T608 T1137 T1137NL 1CT:2.42CT & 1CT: 2.42CT .505 / .375 / .245 T651 T1021 T1021NL 2CT:1/1.26 & 2CT:1/1.26 .505 / .375 / .245 T637 T1075 T1075NL 2CS:1.57/2 & 2CS:1.57/2 .505 / .375 / .245 T637 T1122 T1122NL 1CT:2CT & 1CT:2.3CT .505 / .375 / .245 T608 T1121 T1121NL 1CT:1.5CT & 1CT:1.5CT .505 / .375 / .245 T608 T1286 T1286NL 1CT:2.4CT & 1CT: 2.4CT .505 / .375 / .245 T608 1. To make a 1CT:1 ratio from a 1CT:2CT ratio, use only one-half the 2CT winding. *L/W/H is measured on surface mount parts tip to tip (height includes wash area). SMT - Surface Mount Package THT - Through Hole Package TELECOMMUNICATIONS PRODUCTS Telecommunications Products |
Numéro de pièce similaire - T1069 |
|
Description similaire - T1069 |