Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL811HS Fiches technique(PDF) 16 Page - Cypress Semiconductor

No de pièce SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Fiches technique(HTML) 16 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 16 of 29
6.0
SL811HS and SL811HST-AC Physical Connections
This part is offered in both a 28-pin PLCC package (SL811HS) and a 48-pin TQFP package (SL811HST-AC).
6.1
SL811HS Physical Connections
6.1.1
SL811HS Pin Layout
Pins 2 and 3 should be No Connect in Host Mode. See Pin and Signal Description.
6.1.2
28-Pin PLCC Mechanical Dimensions
1
228
NC*
NC *
nR D
nW R
D7
D6
D5
D4
Gnd
D3
D2
D1
D0
Gnd
IN TR Q
VDD1
nR ST
VDD2
Gnd
nC S
DATA -
DATA +
VD D 1
CLK/X 1
X2
SL811HSH
28 PLCC
A0
M/S
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
25
24
22
21
20
19
18
27
26
23
CM
Figure 6-1. SL811HS USB Host/Slave Controller—Pin Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29