| Moteur de recherche de fiches techniques de composants électroniques |
|
T1122NL Fiches technique(PDF) 6 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
T1122NL Fiches technique(HTML) 6 Page - Pulse A Technitrol Company |
|
6 / 8 page ![]() G003.U (2/07) www.pulseeng.com 19 IC CROSS REFERENCE T3/DS3/E3/STS-1 IC Manufacturer/ 12 Xfmrs Octal 6 Xfmrs Dual SMT Single SMT Single THT Single THT IC Part Number Ext. Temp. Xfmrs Ext. Temp. Ext. Temp. Standard Temp. Extended Temp. 3 kVRMS TX & RX TX & RX TX & RX TX & RX TX RX TX RX TX RX TX RX Exar XRT75xxx TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 XRT73L00/2/3/4/6/12 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 XRT73LC03A/04A,R12 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 XRT7300/7302 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 Infineon Technologies PEB3452/3460 — — — — — — T3027 T3011/01 — — — — Maxim (Dallas Semi) DS3181/2/3/4 TX3052 T3049 — — PE-65968 PE-65968 T3002 T3002 PE-65969 PE-65969 PE-68630 PE-68630 DS3150/1/2/3/4 TX3052 T3049 — — PE-65968 PE-65968 T3002 T3002 PE-65969 PE-65969 PE-68630 PE-68630 Mindspeed CN28333/332/331 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 M28335/M28356 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 M28354/3/2 TX3051 T3048 TX3036 TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 TDK Semiconductor 78P2342/43/44 TX3051/TX3052 TX3045 T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 — 78P2241B TX3051/TX3052 TX3045 T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 — 78P7200/7200L TX3051/TX3052 TX3045 T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 — 78P7203L/7204L TX3051/TX3052 TX3045 T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 — 78P2362/2361 TX3051/TX3052 TX3045 T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 — Transwitch MRT TXC-02050 TX3051/TX3052 TX3045 — T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 ART TXC-02020 TX3051 T3048 — TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 ARTE TXC-02021 TX3051 T3048 — TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 DART TXC-2030, DS3 TX3051 T3048 — TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 DART TXC-2030, E3 TX3051/TX3052 T3049/T3048 — T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 DS3LIM-SN, TXC20153G TX3051 T3048 — TX3025 PE-65967 PE-65967 T3001 T3001 PE-65966 PE-65966 PE-68629 PE-68629 E3LIM TXC-20163 TX3051/TX3052 T3049/T3048 — T3020 or TX3026 PE-65968 PE-65967 T3002 T3001 PE-65969 PE-65966 PE-68630 PE-68629 *L/W/H is measured on surface mount parts tip to tip (height includes wash area). SMT - Surface Mount Package THT - Through Hole Package TELECOM IC CROSS REFERENCE Telecom IC Cross Reference |