Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSOS404A Fiches technique(PDF) 8 Page - Keysight Technologies

No de pièce MSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS404A Fiches technique(HTML) 8 Page - Keysight Technologies

Back Button MSOS404A Datasheet HTML 4Page - Keysight Technologies MSOS404A Datasheet HTML 5Page - Keysight Technologies MSOS404A Datasheet HTML 6Page - Keysight Technologies MSOS404A Datasheet HTML 7Page - Keysight Technologies MSOS404A Datasheet HTML 8Page - Keysight Technologies MSOS404A Datasheet HTML 9Page - Keysight Technologies MSOS404A Datasheet HTML 10Page - Keysight Technologies MSOS404A Datasheet HTML 11Page - Keysight Technologies MSOS404A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
08 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Display windows and scale annotations
Both horizontal and vertical axis values are annotated on the
scales, leading to fast interpretation. Infiniium oscilloscopes
uniquely offer 16 grids per waveform area, with up to 8 waveform
areas.
Oscilloscope Overview – Time Domain
Results window
See up to 20 measurement results simultaneously with statistics.
Each result is color-coded to the source. Turn on measurement
annotations for additional documentation capability.
Math and measurements
With > 50 standard automated measurements with statistics and
16 independent math functions, you’ll be able to analyze a wide
variety of tests. Use any of the industry-best 16 independent
gates to narrow measurements or math to a specific time window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42