Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8247CVRP Fiches technique(PDF) 25 Page - Motorola, Inc

No de pièce MPC8247CVRP
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8247CVRP Fiches technique(HTML) 25 Page - Motorola, Inc

Back Button MPC8247CVRP Datasheet HTML 21Page - Motorola, Inc MPC8247CVRP Datasheet HTML 22Page - Motorola, Inc MPC8247CVRP Datasheet HTML 23Page - Motorola, Inc MPC8247CVRP Datasheet HTML 24Page - Motorola, Inc MPC8247CVRP Datasheet HTML 25Page - Motorola, Inc MPC8247CVRP Datasheet HTML 26Page - Motorola, Inc MPC8247CVRP Datasheet HTML 27Page - Motorola, Inc MPC8247CVRP Datasheet HTML 28Page - Motorola, Inc MPC8247CVRP Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
25
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
1000_100
66.7
88.9
3
200.0 266.6
4.5
300.0 400.0
4
50.0
66.7
1000_101
66.7
88.9
3
200.0 266.6
6
400.0 533.3
4
50.0
66.7
1000_110
66.7
88.9
3
200.0 266.6
6.5
433.3 577.7
4
50.0
66.7
1001_000
57.1
76.2
3.5
200.0 266.6
2.5
142.9 190.5
4
50.0
66.7
1001_001
57.1
76.2
3.5
200.0 266.6
3
171.4 228.5
4
50.0
66.7
1001_010
71.4
76.2
3.5
250.0 266.6
3.5
250.0 266.6
4
62.5
66.7
1001_011
62.5
76.2
3.5
218.8 266.6
4
250.0 304.7
4
54.7
66.7
1001_100
57.1
76.2
3.5
200.0 266.6
4.5
257.1 342.8
4
50.0
66.7
1001_101
85.7
114.3
3.5
300.0 400.0
5
428.6 571.4
6
50.0
66.7
1001_110
85.7
114.3
3.5
300.0 400.0
5.5
471.4 628.5
6
50.0
66.7
1001_111
85.7
114.3
3.5
300.0 400.0
6
514.3 685.6
6
50.0
66.7
1010_000
75.0
100.0
2
150.0 200.0
2
150.0 200.0
3
50.0
66.7
1010_001
75.0
100.0
2
150.0 200.0
2.5
187.5 250.0
3
50.0
66.7
1010_010
75.0
100.0
2
150.0 200.0
3
225.0 300.0
3
50.0
66.7
1010_011
75.0
100.0
2
150.0 200.0
3.5
262.5 350.0
3
50.0
66.7
1010_100
75.0
100.0
2
150.0 200.0
4
300.0 400.0
3
50.0
66.7
1010_101
100.0 133.3
2
200.0 266.6
2.5
250.0 333.3
4
50.0
66.7
1010_110
100.0 133.3
2
200.0 266.6
3
300.0 400.0
4
50.0
66.7
1010_111
100.0 133.3
2
200.0 266.6
3.5
350.0 466.6
4
50.0
66.7
1011_000
Reserved
1011_001
80.0
106.7
2.5
200.0 266.6
2.5
200.0 266.6
4
50.0
66.7
1011_010
80.0
106.7
2.5
200.0 266.6
3
240.0 320.0
4
50.0
66.7
1011_011
80.0
106.7
2.5
200.0 266.6
3.5
280.0 373.3
4
50.0
66.7
1011_100
80.0
106.7
2.5
200.0 266.6
4
320.0 426.6
4
50.0
66.7
1011_101
80.0
106.7
2.5
200.0 266.6
4.5
360.0 480.0
4
50.0
66.7
Table 15. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56