| Moteur de recherche de fiches techniques de composants électroniques |
|
QL8325 Fiches technique(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL8325 Fiches technique(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 49 page ![]() ZZZTXLFNORJLFFRP 4XLFN/RJLF&RUSRUDWLRQ (FOLSVH,, )DPLO\ 'DWD 6KHHW5HY % Preliminary 3LQ'HVFULSWLRQV )LJXUH ,2 %DQNV ZLWK 5HOHYDQW 3LQV 7DEOH-7$* 3LQ'HVFULSWLRQV 3LQ )XQFWLRQ 'HVFULSWLRQ TDI/RSI Test Data In for JTAG/RAM init. Serial Data In Hold HIGH during normal operation. Connects to serial PROM data in for RAM initialization. Connect to VCC if unused TRSTB/RRO Active low Reset for JTAG/RAM init. reset out Hold LOW during normal operation. Connects to serial PROM reset for RAM initialization. Connect to GND if unused TMS Test Mode Select for JTAG Hold HIGH during normal operation. Connect to VCC if not used for JTAG TCK Test Clock for JTAG Hold HIGH or LOW during normal operation. Connect to VCC or ground if not used for JTAG TDO/RCO Test data out for JTAG/RAM init. clock out Connect to serial PROM clock for RAM initialization. Must be left unconnected if not used for JTAG or RAM initialization IO BANK A IO BANK B VCCIO (C) INREF(C) IOCTRL(C) IO(C) VCCIO(D) INREF(D) IOCTRL(D) IO(D) IO BANK F IO BANK E (H) INREF(H) IOCTRL(H) IO(H) VCCIO VCCIO (G) INREF(G) IOCTRL(G) IO(G) |