| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9510DP Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9510DP Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 19 page ![]() Philips Semiconductors Product data sheet PCA9510; PCA9511 Hot swappable I2C and SMBus bus buffer 2004 Oct 05 9 C1 0.01 µF R4 10 k Ω R5 10 k Ω I/O PERIPHERAL CARD 1 R6 10 k Ω ENABLE VCC SDAIN SCLIN SDAOUT SCLOUT ACC GND CARD_SDA CARD_SCL R1 10 k Ω R2 10 k Ω VCC SDA SCL BACKPLANE BACKPLANE CONNECTOR C2 0.01 µF C3 0.01 µF R8 10 k Ω R9 10 k Ω I/O PERIPHERAL CARD 2 R10 10 k Ω ENABLE VCC SDAIN SCLIN SDAOUT SCLOUT ACC GND CARD2_SDA CARD2_SCL C4 0.01 µF SW02121 Figure 10. Hot swapping multiple I/O cards into a backplane using the PCA9510 and PCA9511 in a PCI system R3 1 k Ω R2 1 k Ω C2 0.01 µF R5 10 k Ω ENABLE VCC SDAOUT SDAIN READY SCLOUT SCLIN GND R4 10 k Ω R1 10 k Ω SCL SDA VCC SCL2 SDA2 RDROP VCC_LOW SW02123 Figure 11. System with disparate VCC voltages |