Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8271CVRI Fiches technique(PDF) 30 Page - Motorola, Inc

No de pièce MPC8271CVRI
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8271CVRI Fiches technique(HTML) 30 Page - Motorola, Inc

Back Button MPC8271CVRI Datasheet HTML 26Page - Motorola, Inc MPC8271CVRI Datasheet HTML 27Page - Motorola, Inc MPC8271CVRI Datasheet HTML 28Page - Motorola, Inc MPC8271CVRI Datasheet HTML 29Page - Motorola, Inc MPC8271CVRI Datasheet HTML 30Page - Motorola, Inc MPC8271CVRI Datasheet HTML 31Page - Motorola, Inc MPC8271CVRI Datasheet HTML 32Page - Motorola, Inc MPC8271CVRI Datasheet HTML 33Page - Motorola, Inc MPC8271CVRI Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
30
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
7.2
PCI Agent Mode
Table 17 and Table 18 show configurations for PCI agent mode. The frequency values listed are for the
purpose of illustration only. Users must select a mode and input bus frequency so that the resulting
configuration does not exceed the frequency rating of the user’s device. Note that in PCI agent mode the
input clock is PCI clock.
1101_001
71.4
100.0
2.5
178.6 250.0
3.5
250.0 350.0
5
35.7
50.0
1101_010
62.5
100.0
2.5
156.3 250.0
4
250.0 400.0
5
31.3
50.0
1101_011
55.6
100.0
2.5
138.9 250.0
4.5
250.0 450.0
5
27.8
50.0
1101_100
50.0
100.0
2.5
125.0 250.0
5
250.0 500.0
5
25.0
50.0
1101_101
62.5
125.0
2
125.0 250.0
3
187.5 375.0
5
25.0
50.0
1101_110
62.5
125.0
2
125.0 250.0
4
250.0 500.0
5
25.0
50.0
1110_000
71.4
100.0
3
214.3 300.0
3.5
250.0 350.0
6
35.7
50.0
1110_001
62.5
100.0
3
187.5 300.0
4
250.0 400.0
6
31.3
50.0
1110_010
55.6
100.0
3
166.7 300.0
4.5
250.0 450.0
6
27.8
50.0
1110_011
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0
50.0
1110_100
50.0
100.0
3
150.0 300.0
5.5
275.0 550.0
6
25.0
50.0
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency
guarantees the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock
mode. For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 125 MHz or 150 MHz, as
shown in the table. For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz.
The “high” values are for the purpose of illustration only. Users must select a mode and input bus frequency so
that the resulting configuration does not exceed the frequency rating of the user’s device.
2 PCI_MODCK determines the PCI clock frequency range. Refer to Table 15 for higher range configurations.
3 MODCK_H = hard reset configuration word [28–31] (refer to Section 5.4 in the MPC8260 User’s Manual).
MODCK[1-3] = three hardware configuration pins.
4 CPM multiplication factor = CPM clock/bus clock
5 CPU multiplication factor = Core PLL multiplication factor
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com