| Moteur de recherche de fiches techniques de composants électroniques |
|
P89C668 Fiches technique(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C668 Fiches technique(HTML) 60 Page - NXP Semiconductors |
|
60 / 89 page ![]() Philips Semiconductors Product data P89C660/P89C662/P89C664/ P89C668 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM 2002 Oct 28 60 INIT_WATCHDOG: MOV CCAPM4, #4CH ; Module 4 in compare mode MOV CCAP4L, #0FFH ; Write to low byte first MOV CCAP4H, #0FFH ; Before PCA timer counts up to ; FFFF Hex, these compare values ; must be changed ORL CMOD, #40H ; Set the WDTE bit to enable the ; watchdog timer without changing ; the other bits in CMOD ; ;******************************************************************** ; ; Main program goes here, but CALL WATCHDOG periodically. ; ;******************************************************************** ; WATCHDOG: CLR EA ; Hold off interrupts MOV CCAP4L, #00 ; Next compare value is within MOV CCAP4H, CH ; 255 counts of the current PCA SETB EA ; timer value RET Figure 52. PCA Watchdog Timer Initialization Code |