| Moteur de recherche de fiches techniques de composants électroniques |
|
OP227 Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP227 Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() REV. A OP227 –14– OUTLINE DIMENSIONS 14-Lead Ceramic Dip – Glass Hermetic Seal [CERDIP] (Q-14) Dimensions shown in inches and (millimeters) 14 17 8 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 0.100 (2.54) BSC 15 0 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 0.785 (19.94) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |