Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8272CVRB Fiches technique(PDF) 45 Page - Motorola, Inc

No de pièce MPC8272CVRB
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272CVRB Fiches technique(HTML) 45 Page - Motorola, Inc

Back Button MPC8272CVRB Datasheet HTML 41Page - Motorola, Inc MPC8272CVRB Datasheet HTML 42Page - Motorola, Inc MPC8272CVRB Datasheet HTML 43Page - Motorola, Inc MPC8272CVRB Datasheet HTML 44Page - Motorola, Inc MPC8272CVRB Datasheet HTML 45Page - Motorola, Inc MPC8272CVRB Datasheet HTML 46Page - Motorola, Inc MPC8272CVRB Datasheet HTML 47Page - Motorola, Inc MPC8272CVRB Datasheet HTML 48Page - Motorola, Inc MPC8272CVRB Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
45
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
PCI_IRDY
AF15
PCI_STOP
AE15
PCI_DEVSEL
AE14
PCI_IDSEL
AC17
PCI_PERR
AD14
PCI_SERR
AD13
PCI_REQ0
AE20
PCI_REQ1/CPCI_HS_ES
AF14
PCI_GNT0
AD20
PCI_GNT1/CPCI_HS_LED
AE13
PCI_GNT2/CPCI_HS_ENUM
AF21
PCI_RST
AF22
PCI_INTA
AE21
PCI_REQ2
AB14
DLLOUT
AC22
PCI_AD0
AF7
PCI_AD1
AE10
PCI_AD2
AB10
PCI_AD3
AD10
PCI_AD4
AE9
PCI_AD5
AF8
PCI_AD6
AC10
PCI_AD7
AE11
PCI_AD8
AB11
PCI_AD9
AF10
PCI_AD10
AF9
PCI_AD11
AB12
PCI_AD12
AC12
PCI_AD13
AD12
PCI_AD14
AF11
PCI_AD15
AB13
PCI_AD16
AE16
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56