| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8247CVR Fiches technique(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247CVR Fiches technique(HTML) 1 Page - Motorola, Inc |
|
1 / 56 page ![]() PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE This hardware specification contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC8272 family of devices—the MPC8272, the MPC8248, the MPC8271, and the MPC8247. These devices are .13µm (HiP7) members of the PowerQUICC II™ family of integrated communications processors. They include on a single chip a 32-bit PowerPC™core that incorporates memory management units (MMUs) and instruction and data caches and that implements the PowerPC instruction set; a modified communications processor module (CPM); and an integrated security engine (SEC) for encryption (the MPC8272 and the MPC8248 only). All four devices are collectively referred to throughout this hardware specification as ‘the MPC8272’ unless otherwise noted. The following topics are addressed: Topic Page Section 1, “Overview” 2 Section 2, “Operating Conditions” 7 Section 3, “DC Electrical Characteristics” 8 Section 4, “Thermal Characteristics” 11 Section 5, “Power Dissipation” 14 Section 6, “AC Electrical Characteristics” 14 Section 7, “Clock Configuration Modes” 22 Section 8, “Pinout” 39 Section 9, “Package” 51 Section 10, “Ordering Information” 53 Section 11, “Document Revision History” 53 Advance Information MPC8272EC Rev. 0.2 12/2003 MPC8272 PowerQUICC II™ Family Hardware Specifications Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Numéro de pièce similaire - MPC8247CVR |
|
Description similaire - MPC8247CVR |