Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8248VR Fiches technique(PDF) 28 Page - Motorola, Inc

No de pièce MPC8248VR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248VR Fiches technique(HTML) 28 Page - Motorola, Inc

Back Button MPC8248VR Datasheet HTML 24Page - Motorola, Inc MPC8248VR Datasheet HTML 25Page - Motorola, Inc MPC8248VR Datasheet HTML 26Page - Motorola, Inc MPC8248VR Datasheet HTML 27Page - Motorola, Inc MPC8248VR Datasheet HTML 28Page - Motorola, Inc MPC8248VR Datasheet HTML 29Page - Motorola, Inc MPC8248VR Datasheet HTML 30Page - Motorola, Inc MPC8248VR Datasheet HTML 31Page - Motorola, Inc MPC8248VR Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
28
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
0100_010
35.7
50.0
6
214.3 300.0
7
250.0 350.0
6
35.7
50.0
0100_011
31.3
50.0
6
187.5 300.0
8
250.0 400.0
6
31.3
50.0
0101_000
50.0
100.0
2
100.0 200.0
2.5
125.0 250.0
4
25.0
50.0
0101_001
50.0
100.0
2
100.0 200.0
3
150.0 300.0
4
25.0
50.0
0101_010
71.4
100.0
2
142.9 200.0
3.5
250.0 350.0
4
35.7
50.0
0101_011
62.5
100.0
2
125.0 200.0
4
250.0 400.0
4
31.3
50.0
0101_100
55.6
100.0
2
111.1 200.0
4.5
250.0 450.0
4
27.8
50.0
0101_101
71.4
83.3
3
214.3 250.0
3.5
250.0 291.7
5
42.9
50.0
0101_110
62.5
83.3
3
187.5 250.0
4
250.0 333.3
5
37.5
50.0
0101_111
55.6
83.3
3
166.7 250.0
4.5
250.0 375.0
5
33.3
50.0
0110_000
60.0
120.0
2.5
150.0 300.0
2.5
150.0 300.0
6
25.0
50.0
0110_001
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0
50.0
0110_010
71.4
120.0
2.5
178.6 300.0
3.5
250.0 420.0
6
29.8
50.0
0110_011
62.5
120.0
2.5
156.3 300.0
4
250.0 480.0
6
26.0
50.0
0110_100
60.0
120.0
2.5
150.0 300.0
4.5
270.0 540.0
6
25.0
50.0
0110_101
60.0
120.0
2.5
150.0 300.0
5
300.0 600.0
6
25.0
50.0
0110_110
60.0
120.0
2.5
150.0 300.0
6
360.0 720.0
6
25.0
50.0
0111_000
Reserved
0111_001
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0
50.0
0111_010
71.4
100.0
3
214.3 300.0
3.5
250.0 350.0
6
35.7
50.0
0111_011
62.5
100.0
3
187.5 300.0
4
250.0 400.0
6
31.3
50.0
0111_100
55.6
100.0
3
166.7 300.0
4.5
250.0 450.0
6
27.8
50.0
1000_000
Reserved
1000_001
66.7
133.3
3
200.0 400.0
3
200.0 400.0
8
25.0
50.0
1000_010
71.4
133.3
3
214.3 400.0
3.5
250.0 466.7
8
26.8
50.0
1000_011
66.7
133.3
3
200.0 400.0
4
266.7 533.3
8
25.0
50.0
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56