Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8272VR Fiches technique(PDF) 15 Page - Motorola, Inc

No de pièce MPC8272VR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272VR Fiches technique(HTML) 15 Page - Motorola, Inc

Back Button MPC8272VR Datasheet HTML 11Page - Motorola, Inc MPC8272VR Datasheet HTML 12Page - Motorola, Inc MPC8272VR Datasheet HTML 13Page - Motorola, Inc MPC8272VR Datasheet HTML 14Page - Motorola, Inc MPC8272VR Datasheet HTML 15Page - Motorola, Inc MPC8272VR Datasheet HTML 16Page - Motorola, Inc MPC8272VR Datasheet HTML 17Page - Motorola, Inc MPC8272VR Datasheet HTML 18Page - Motorola, Inc MPC8272VR Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
15
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
AC Electrical Characteristics
Table 10 lists CPM input characteristics.
NOTE
Although the specifications generally reference the rising edge of the
clock, the following AC timing diagrams also apply when the falling edge
is the active edge.
Table 9. AC Characteristics for CPM Outputs 1
1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66
MHz
83
MHz
100
MHz
66
MHz
83
MHz
100
MHz
sp36a
sp37a
FCC outputs—internal clock (NMSI)
6
5.5
5.5
1
1
1
sp36b
sp37b
FCC outputs—external clock (NMSI)
14
12
12
2
2
2
sp38a
sp39a
SCC/SMC/SPI/I2C outputs—internal clock (NMSI)
19
16
16
1
0.5
0.5
sp38b
sp39b
SCC/SMC/SPI/I2C outputs—external clock (NMSI)
19
16
16
2
2
2
sp40
sp41
TDM outputs/SI
14
12
12
5
3
3
sp42
sp43
TIMER/IDMA outputs
14
11
11
1
0.5
0.5
sp42a
sp43a
PIO outputs
14
11
11
0.5
0.5
0.5
Table 10. AC Characteristics for CPM Inputs 1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66
MHz
83
MHz
100
MHz
66
MHz
83
MHz
100
MHz
sp16a
sp17a FCC inputs—internal clock (NMSI)
10
88000
sp16b
sp17b FCC inputs—external clock (NMSI)
3
2.5
2.5
2
2
2
sp18a
sp19a SCC/SMC/SPI/I2C inputs—internal clock (NMSI)
20
16
16
0
0
0
sp18b
sp19b SCC/SMC/SPI/I2C inputs—external clock (NMSI)
544222
sp20
sp21
TDM inputs/SI
755433
sp22
sp23
PIO/TIMER/IDMA inputs
10
8
8
0.5
0.5
0.5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com