Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT8A3361 Fiches technique(PDF) 4 Page - Pericom Semiconductor Corporation

No de pièce PT8A3361
Description  NTCLCD Heating Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3361 Fiches technique(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A3361 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0356-1
07/06/12
4
PT8A3361/62/63/64
NTC+LCD Heating Controller
Continued
Symbol
Description
Test Conditions
Min
Type
Max
Unit
IIH
Input high
current
Pin:K1
VIN = VDD, VCLK=GND
-
-
60
A
VIN = VDD, VCLK=VDD
-
-
5
Pin: C/F,
SEL2,
SEL1
VIN = VDD
-
-
5
A
Pin: K2
VIN = VDD
-
-
80
A
Pin: CLK
VIN = VDD
-
-
1
A
Pin:NTC1
VIN = VDD
-
-
100
nA
Pin:NTC2
VIN =VDD ,Output High
impedance
-
-
100
nA
IIL
Input low
current
Pin:K1
VIN = GND, VCLK =-1V
-
-
-5
A
VIN = GND, VCLK =1V
-
-
-60
Pin: C/F
VIN = GND
-
-
-50
A
Pin:K2
SEL1,
SEL2
VIN = GND
-
-
-5
A
Pin: CLK
VIN = GND
-
-
-5
A
VIN =-0.35V
-
-
-10
A
Pin:NTC1
VIN = GND
-
-
-100
nA
Pin:NTC2
VIN = GND, Output High
impedance
-10
-
-100
nA
DC Output Electrical Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
IOH
Output High
Current
Pin: GATE
VDD = 4.5V
VOUT = 2.5V
-15
-
-
mA
Pin: BL1, BL2, BL3
VDD =4.5V
VOUT =4.0V
-3.0
-
-
IOL
Output Low
Current
Pin: GATE
VDD = 4.5V
VOUT =0.5V
4.0
-
-
mA
Pin: BL
VDD =4.5V
VOUT =0.5V
4.0
-
-
VLCD
Output High
Voltage
Pin:COM1,COM2, COM3, COM4,
SEG1, SEG2, SEG3, SEG4,
SEG,5,SEG6,
Level3
VDD =
4.5V
0.54VDD
0.6VDD
0.66VDD
Level2
0.36VDD
0.4VDD
0.44VDD
Level1
0.18VDD
0.2VDD
0.22VDD
Power Supply Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
VPOR
Voltage of POR
-
2
-
3
V
IDD
Current consumption
No loading, V DD =4.5V
-
-
800
A
VDD
Supply voltage
Control function normal
4.0
-
VZ
V
VZ
Voltage of Zener
IDD=1mA ~20mA
4.5
5.0
5.5
V
TPOoff
Power off timer
FCLK= 50Hz/60Hz
55
60
65
Minute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com