Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCF547X Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc

No de pièce MCF547X
Description  MCF547x Integrated Microprocessor Electrical Characteristics
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF547X Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF547X Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF547X Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
General Timing Specifications
MCF547x Integrated Microprocessor Electrical Characteristics, Rev. 2
Freescale Semiconductor
21
12
General Timing Specifications
Table 19 lists timing specifications for the GPIO, PSC, DREQ, DACK, and external interrupts.
13
I2C Input/Output Timing Specifications
Table 20 lists specifications for the I2C input timing parameters shown in Figure 18.
Table 21 lists specifications for the I2C output timing parameters shown in Figure 18.
Table 19. General AC Timing Specifications
Name
Characteristic
Min
Max
Unit
G1
CLKIN high to signal output valid
—
2
PSTCLK
G2
CLKIN high to signal invalid (output hold)
0
—
ns
G3
Signal input pulse width
2
—
PSTCLK
Table 20. I2C Input Timing Specifications between SCL and SDA
Num
Characteristic
Min
Max
Units
I1
Start condition hold time
2
—
Bus clocks
I2
Clock low period
8
—
Bus clocks
I3
SCL/SDA rise time (VIL = 0.5 V to VIH = 2.4 V)
—
1
mS
I4
Data hold time
0
—
ns
I5
SCL/SDA fall time (VIH = 2.4 V to VIL = 0.5 V)
—
1
mS
I6
Clock high time
4
—
Bus clocks
I7
Data setup time
0
—
ns
I8
Start condition setup time (for repeated start condition only)
2
—
Bus clocks
I9
Stop condition setup time
2
—
Bus clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com