| Moteur de recherche de fiches techniques de composants électroniques |
|
GS8342T08 Fiches technique(PDF) 32 Page - GSI Technology |
|
|
|||||||||||||||||||||||||||||
GS8342T08 Fiches technique(HTML) 32 Page - GSI Technology |
|
32 / 35 page ![]() GS8342T08/09/18/36BD-400/350/333/300/250 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 6/2012 32/35 © 2011, GSI Technology Ordering Information—GSI SigmaDDR-II SRAM Org Part Number1 Type Package Speed (MHz) TJ2 4M x 8 GS8342T08BD-400 SigmaDDR-II B2 SRAM 165-bump BGA 400 C 4M x 8 GS8342T08BD-350 SigmaDDR-II B2 SRAM 165-bump BGA 350 C 4M x 8 GS8342T08BD-333 SigmaDDR-II B2 SRAM 165-bump BGA 333 C 4M x 8 GS8342T08BD-300 SigmaDDR-II B2 SRAM 165-bump BGA 300 C 4M x 8 GS8342T08BD-250 SigmaDDR-II B2 SRAM 165-bump BGA 250 C 4M x 8 GS8342T08BD-400I SigmaDDR-II B2 SRAM 165-bump BGA 400 I 4M x 8 GS8342T08BD-350I SigmaDDR-II B2 SRAM 165-bump BGA 350 I 4M x 8 GS8342T08BD-333I SigmaDDR-II B2 SRAM 165-bump BGA 333 I 4M x 8 GS8342T08BD-300I SigmaDDR-II B2 SRAM 165-bump BGA 300 I 4M x 8 GS8342T08BD-250I SigmaDDR-II B2 SRAM 165-bump BGA 250 I 4M x 9 GS8342T09BD-400 SigmaDDR-II B2 SRAM 165-bump BGA 400 C 4M x 9 GS8342T09BD-350 SigmaDDR-II B2 SRAM 165-bump BGA 350 C 4M x 9 GS8342T09BD-333 SigmaDDR-II B2 SRAM 165-bump BGA 333 C 4M x 9 GS8342T09BD-300 SigmaDDR-II B2 SRAM 165-bump BGA 300 C 4M x 9 GS8342T09BD-250 SigmaDDR-II B2 SRAM 165-bump BGA 250 C 4M x 9 GS8342T09BD-400I SigmaDDR-II B2 SRAM 165-bump BGA 400 I 4M x 9 GS8342T09BD-350I SigmaDDR-II B2 SRAM 165-bump BGA 350 I 4M x 9 GS8342T09BD-333I SigmaDDR-II B2 SRAM 165-bump BGA 333 I 4M x 9 GS8342T09BD-300I SigmaDDR-II B2 SRAM 165-bump BGA 300 I 4M x 9 GS8342T09BD-250I SigmaDDR-II B2 SRAM 165-bump BGA 250 I 2M x 18 GS8342T18BD-400 SigmaDDR-II B2 SRAM 165-bump BGA 400 C 2M x 18 GS8342T18BD-350 SigmaDDR-II B2 SRAM 165-bump BGA 350 C 2M x 18 GS8342T18BD-333 SigmaDDR-II B2 SRAM 165-bump BGA 333 C 2M x 18 GS8342T18BD-300 SigmaDDR-II B2 SRAM 165-bump BGA 300 C 2M x 18 GS8342T18BD-250 SigmaDDR-II B2 SRAM 165-bump BGA 250 C 2M x 18 GS8342T18BD-400I SigmaDDR-II B2 SRAM 165-bump BGA 400 I 2M x 18 GS8342T18BD-350I SigmaDDR-II B2 SRAM 165-bump BGA 350 I 2M x 18 GS8342T18BD-333I SigmaDDR-II B2 SRAM 165-bump BGA 333 I 2M x 18 GS8342T18BD-300I SigmaDDR-II B2 SRAM 165-bump BGA 300 I 2M x 18 GS8342T18BD-250I SigmaDDR-II B2 SRAM 165-bump BGA 250 I 1M x 36 GS8342T36BD-400 SigmaDDR-II B2 SRAM 165-bump BGA 400 C 1M x 36 GS8342T36BD-350 SigmaDDR-II B2 SRAM 165-bump BGA 350 C Notes: 1. For Tape and Reel add the character “T” to the end of the part number. Example: GS8342Tx36BD-300T. 2. C = Commercial Temperature Range. I = Industrial Temperature Range. |