| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS9181C Fiches technique(PDF) 5 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9181C Fiches technique(HTML) 5 Page - Micro Analog systems |
|
5 / 9 page ![]() DA9181.006 13 October, 1999 5 FUNCTIONS I2C - bus The MAS9181 I2C-bus interface is a receiver- only slave. Data is accepted from the I2C - bus in the following format. S 0 1 0 0 A2 A1 A0 0 A I3 I2 I1 I0 SD SC SB SA A D7 D6 D5 D4 D3 D2 D1 D0 A P Address byte Instruction byte First data byte S Start condition A2, A1, A0 programmable address bits P Stop condition I3, I2, I1, I0 instruction bits A Acknowledgement SD, SC, SB, SA sub-address bits D7, D6, D5, D4, D3, D2, D2, D1, D0 data bits I2C - bus timing SDA SCL Bit Transfer on the I C-bus 2 Data line stable (data valid) Change of data allowed S P 1-7 8 9 1-7 8 9 1-7 89 Start condition Stop condition SDA SCL Address Data Data R/W Ack Ack Ack Complete Data Transfer |