Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68AF511AM55NC1T Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce M68AF511AM55NC1T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AM55NC1T Fiches technique(HTML) 3 Page - STMicroelectronics

  M68AF511AM55NC1T Datasheet HTML 1Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 2Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 3Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 4Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 5Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 6Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 7Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 8Page - STMicroelectronics M68AF511AM55NC1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
M68AF511A
SUMMARY DESCRIPTION
The M68AF511A is a 4 Mbit (4,194,304 bit) CMOS
SRAM, organized as 524,288 words by 8 bits. The
device features fully static operation requiring no
external clocks or timing strobes, with equal ad-
dress access and cycle times. It requires a single
4.5 to 5.5V supply.
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68AF511A is available in a 32 lead TSOP
Type II and 32 lead SO packages.
Figure 2. Logic Diagram
Table 1. Signal Names
AI03948C
19
A0-A18
W
DQ0-DQ7
VCC
M68AF511A
G
VSS
8
E
A0-A18
Address Inputs
DQ0-DQ7
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18