Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMX2430 Fiches technique(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Fiches technique(HTML) 43 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 39Page - National Semiconductor (TI) LMX2430 Datasheet HTML 40Page - National Semiconductor (TI) LMX2430 Datasheet HTML 41Page - National Semiconductor (TI) LMX2430 Datasheet HTML 42Page - National Semiconductor (TI) LMX2430 Datasheet HTML 43Page - National Semiconductor (TI) LMX2430 Datasheet HTML 44Page - National Semiconductor (TI) LMX2430 Datasheet HTML 45Page - National Semiconductor (TI) LMX2430 Datasheet HTML 46Page - National Semiconductor (TI) LMX2430 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
2.0 Programming Description (Continued)
2.7 R3 REGISTER
The R3 register contains the IF_R, IF_CPP, IF_CPG, IF_CPT, and IF_RST control words, in addition to two of the four bits that
compose the MUX control word. The detailed descriptions and programming information for each control word is discussed in the
following sections.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0] FIELD
ADDRESS
[2:0]
FIELD
R3
MUX[1:0]
IF_
RST
IF_
CPT
IF_
CPG
IF_
CPP
IF_R[14:0]
0
1
1
2.7.1 IF_R[14:0] - IF Synthesizer Programmable Reference Divider (R Counter) (R3[17:3])
The IF reference divider (IF_R) can be programmed to support divide ratios from 3 to 32767. Divide ratios less than 3 are
prohibited.
Divide Ratio
IF_R[14:0]
14
13
12
11
10
987654321
0
3
00000000000001
1
4
00000000000010
0
•
••••••••••••••
•
32767
11111111111111
1
2.7.2 IF_CPP - IF Synthesizer Phase Detector Polarity (R3[18])
The IF_CPP bit is used to control the IF synthesizer’s phase/ frequency detector polarity based on the VCO tuning characteristics.
Control Bit
Register Location
Description
Function
01
IF_CPP
R3[18]
IF Phase/ Frequency
Detector Polarity
IF VCO Negative
Tuning
Characteristics
IF VCO Positive
Tuning
Characteristics
IF VCO Characteristics
20053568
www.national.com
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49