Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NFCC06/NFHC06 Fiches technique(PDF) 5 Page - NIC-Components Corp.

No de pièce NFCC06/NFHC06
Description  Surface Mount Fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIC [NIC-Components Corp.]
Site Internet  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFCC06/NFHC06 Fiches technique(HTML) 5 Page - NIC-Components Corp.

  NFCC06/NFHC06 Datasheet HTML 1Page - NIC-Components Corp. NFCC06/NFHC06 Datasheet HTML 2Page - NIC-Components Corp. NFCC06/NFHC06 Datasheet HTML 3Page - NIC-Components Corp. NFCC06/NFHC06 Datasheet HTML 4Page - NIC-Components Corp. NFCC06/NFHC06 Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Type
A
B
W
F
E
P
1
P
0
φDT
1
T
2
Qty/Reel
NFCC04NFHC04
0.65 ±0.10
1.15 ±0.10
8.00
±0.20
3.50
±0.05
1.75
±0.10
2.00 ±0.05
4.00
±0.05
1.55
±0.05
0.60 ±0.05
0.70 max.
10,000
Type
A +0/-3
B +1/-0
C ±0.20
W ±0.3
Qty
NFCC04/NFHC04
180
60
13
9.0
10,000
NFCC06/NFHC06
5,000
NFCC08/NFHC08
NFCC12/NFHC12
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm) AND QUANTITY
Type
A
B
W
F
E
P
1
P
0
φDT
1
T
2
Qty/Reel
NFCC06/NFHC06
1.15 ±0.15
1.90 ±0.20
8.00
±0.20
3.50
±0.05
1.75
±0.10
4.00 ±0.05
4.00
±0.05
1.55
±0.05
0.7 max.
0.8 max.
5,000
NFCC08/NFHC08
1.65 ±0.15
2.50 ±0.20
NFCC12/NFHC12
2.00 ±0.15
3.6 ± 0.20
0.9 max.
1.0 max.
B
C
E
D
A
W
φ1.5+0.1/-0.0
4.0 ±0.1
W
F
A
P1
t
2
t
1
B
Surface Mount Fuse
NFCC & NFHC Series
CARRIER TAPE DIMENSIONS (mm)
φ1.5+0.1/-0.0
4.0 ±0.1
W
F
A
P1
t
2
t
1
B



Html Pages

1 2 3 4 5