| Moteur de recherche de fiches techniques de composants électroniques |
|
NPIM_P Fiches technique(PDF) 11 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NPIM_P Fiches technique(HTML) 11 Page - NIC-Components Corp. |
|
11 / 11 page ![]() 11 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® SPECIFICATIONS SUBJECT TO CHANGE NPIM__P Series NPIM Shielded Power Inductors NPIM__P Series A 2.0 ± 0.5 φ 13.0 ± 1.0 φ 20.0 ± 0.5 W Co Ao Po Ko Bo 4.0mm ± 0.1 t CARRIER TAPE & REEL DIMENSIONS (mm) Series Qty/Reel Reel Dia. Ao Bo Co Po Ko t W NPIM31P 4,000 330 3.5 ± 0.10 3.8 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 1.5 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM41P 4,000 330 4.4 ± 0.10 5.0 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 1.5 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM42P 3,000 330 4.4 ± 0.10 5.0 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 2.3 ±0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM50P 4,000 330 5.5 ± 0.10 6.2 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 1.5 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM51P 3,500 330 5.5 ± 0.10 6.2 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 1.8 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM58P 3,000 330 5.5 ± 0.10 6.2 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 2.1± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM52P 3,000 330 5.5 ± 0.10 6.2 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 2.3 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM53P 2,000 330 5.5 ± 0.10 6.2 ± 0.10 5.5 ± 0.10 8.0 ± 0.10 3.3 ± 0.10 0.35 ± 0.05 12.0 ± 0.30 NPIM70P 3,000 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 1.5 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM71P 2,000 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 1.8 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM78P 2,000 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 2.1 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM72P 1,500 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 2.3 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM73P 1,500 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 2.7 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM74P 1,000 330 7.0 ± 0.10 7.7 ± 0.10 7.5 ± 0.10 12.0 ± 0.10 3.3 ± 0.10 0.35 ± 0.05 16.0 ± 0.30 NPIM84P 1,000 330 8.45 ± 0.10 10.36 ± 0.10 11.5 ± 0.10 12.0 ± 0.10 4.5 ± 0.1 0.40 ± 0.05 24.0 ± 0.30 NPIM104P 500 330 10.4 ± 0.10 11.6 ± 0.10 11.5 ± 0.10 16.0 ± 0.10 4.5 ± 0.10 0.35 ± 0.05 24.0 ± 0.30 NPIM147P 400 330 13.5 ± 0.10 14.2 ± 0.10 11.5 ± 0.10 20.0 ± 0.10 7.3 ± 0.10 0.50 ± 0.05 24.0 ± 0.30 |