| Moteur de recherche de fiches techniques de composants électroniques |
|
NGTA Fiches technique(PDF) 3 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NGTA Fiches technique(HTML) 3 Page - NIC-Components Corp. |
|
3 / 3 page ![]() 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Case Size A B fD 0 E F P 0 P 1 t K o W 1812 3.70 ±0.20 4.70 ±0.20 1.50 ±0.10 1.75 ±0.10 5.50 ±0.10 4.00 ±0.10 8.00 ±0.10 0.4 ±0.20 3.10 ±0.20 12.0 ±0.20 EMBOSSED PLASTIC CARRIER DIMENSIONS (mm) t E W fD 0 P 0 F A D o B K o P 1 Case Size D D1 D2 W1 Qty 1812 f330 f50 13.0 ± 0.15 16.8 ± 2.0 2,000 D1 D2 D W1 REEL DIMENSIONS (mm) AND QUANTITY NGTA Series Surface Mount Gas Discharge Tube |