| Moteur de recherche de fiches techniques de composants électroniques |
|
LD29150 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD29150 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 17 page ![]() LD29150 SERIES 2/17 Figure 2: Schematic Diagram For Fixed Version * Only for version with inhibit function. Table 1: Ordering Codes (*) Available in Tape & Reel with the suffix "R". (#) Available on request. Table 2: Absolute Maximum Ratings (*) Above 14V the device is automatically in shut-down. Absolute Maximum Ratings are those beyond which damage to the device may occur. Functional operation under these condition is not im- plied. TO-220 (#) TO-220FP (#) DPAK (*) PPAK (*) OUTPUT VOLTAGE LD29150V15 LD29150P15 LD29150DT15 LD29150PT15 1.5 V LD29150V18 LD29150P18 LD29150DT18 LD29150PT18 1.8 V LD29150V25 LD29150P25 LD29150DT25 LD29150PT25 2.5 V LD29150V33 LD29150P33 LD29150DT33 LD29150PT33 3.3 V LD29150V50 LD29150P50 LD29150DT50 LD29150PT50 5.0 V LD29150V80 LD29150P80 LD29150DT80 LD29150PT80 8.0 V LD29150PT ADJ Symbol Parameter Value Unit VI DC Input Voltage 30 (*) V IO Output Current Internally Limited mA PD Power Dissipation Internally Limited mW Tstg Storage Temperature Range -55 to 150 °C Top Operating Junction Temperature Range -40 to 125 °C |