Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3985 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce LD3985
Description  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button LD3985 Datasheet HTML 6Page - STMicroelectronics LD3985 Datasheet HTML 7Page - STMicroelectronics LD3985 Datasheet HTML 8Page - STMicroelectronics LD3985 Datasheet HTML 9Page - STMicroelectronics LD3985 Datasheet HTML 10Page - STMicroelectronics LD3985 Datasheet HTML 11Page - STMicroelectronics LD3985 Datasheet HTML 12Page - STMicroelectronics LD3985 Datasheet HTML 13Page - STMicroelectronics LD3985 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LD3985 SERIES
11/14
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.835
0.9
0.965
32.874
35.433
37.992
A1
0.21
0.25
0.29
8.268
9.843
11.417
A2
0.625
0.65
0.675
24.606
25.591
26.575
b
0.265
0.315
0.365
10.433
12.402
14.370
D
1.510
1.540
1.570
59.449
60.630
61.811
E
1.16
1.19
1.22
45.669
46.850
48.031
e
0.45
0.5
0.55
17.717
19.685
21.654
e1
0.816
0.866
0.916
32.126
34.094
36.063
f
0.345
13.583
f1
0.337
13.268
Flip-Chip5 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14