Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GTL2002 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce GTL2002
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button GTL2002 Datasheet HTML 6Page - NXP Semiconductors GTL2002 Datasheet HTML 7Page - NXP Semiconductors GTL2002 Datasheet HTML 8Page - NXP Semiconductors GTL2002 Datasheet HTML 9Page - NXP Semiconductors GTL2002 Datasheet HTML 10Page - NXP Semiconductors GTL2002 Datasheet HTML 11Page - NXP Semiconductors GTL2002 Datasheet HTML 12Page - NXP Semiconductors GTL2002 Datasheet HTML 13Page - NXP Semiconductors GTL2002 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2004 Sep 29
11
TSSOP8:
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14