Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AA4040ZGSK Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce AA4040ZGSK
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040ZGSK Fiches technique(HTML) 2 Page - Kingbright Corporation

  AA4040ZGSK Datasheet HTML 1Page - Kingbright Corporation AA4040ZGSK Datasheet HTML 2Page - Kingbright Corporation AA4040ZGSK Datasheet HTML 3Page - Kingbright Corporation AA4040ZGSK Datasheet HTML 4Page - Kingbright Corporation AA4040ZGSK Datasheet HTML 5Page - Kingbright Corporation AA4040ZGSK Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAO0995
REV NO: V.1B
DATE: JAN/07/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1201008464
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might lead to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of
leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such substances.



Html Pages

1 2 3 4 5 6