| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2770BE/T Fiches technique(PDF) 22 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2770BE/T Fiches technique(HTML) 22 Page - Dallas Semiconductor |
|
22 / 27 page ![]() DS2770 22 of 27 1-WIRE INITIALIZATION SEQUENCE (RESET PULSE AND PRESENCE PULSE) Figure 18 WRITE TIME SLOTS A write time slot is initiated when the bus master pulls the 1-Wire bus from a logic high (inactive) level to a logic low level. There are two types of write time slots: Write 1 and Write 0. All write time slots must be tSLOT (60µs to 120µs) in duration with a 1µs minimum recovery time, tREC, between cycles. The DS2770 samples the 1-Wire bus line between 15µs and 60µs after the line falls. If the line is high when sampled, a Write 1 occurs. If the line is low when sampled, a Write 0 occurs (see Figure 19). For the bus master to generate a Write 1 time slot, the bus line must be pulled low and then released, allowing the line to be pulled high within 15µs after the start of the write time slot. For the host to generate a Write 0 time slot, the bus line must be pulled low and held low for the duration of the write time slot. READ TIME SLOTS A read time slot is initiated when the bus master pulls the 1-Wire bus line from a logic high level to logic low level. The bus master must keep the bus line low for at least 1µs and then release it to allow the DS2770 to present valid data. The bus master can then sample the data tRDV (15µs) from the start of the read time slot. By the end of the read time slot, the DS2770 releases the bus line and allows it to be pulled high by the external pull-up resistor. All read time slots must be tSLOT (60µs to 120µs) in duration with a 1µs minimum recovery time, tREC, between cycles. See Figure 19 for more information. tRSTL tPDL tRSTH tPDH VCC GND LINE TYPE LEGEND: Bus master active low DS2770 active low Resistor pullup Both bus master and DS2770 active low DQ |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |