| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2770AE/T Fiches technique(PDF) 23 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2770AE/T Fiches technique(HTML) 23 Page - Dallas Semiconductor |
|
23 / 27 page ![]() DS2770 23 of 27 1-WIRE WRITE AND READ TIME SLOTS Figure 19 VCC GND tSLOT DQ tLOW1 tSLOT WRITE 0 SLOT WRITE 1 SLOT tLOW0 tREC >1 ms DS2770 Sample Window MIN TYP MAX 15 ms 15 ms 30 ms DS2770 Sample Window MIN TYP MAX 15 ms 15 ms 30 ms tSLOT VCC GND READ 0 SLOT READ 1 SLOT tSLOT tREC DQ >1 ms tRDV Master Sample Window Master Sample Window tRDV LINE TYPE LEGEND: Bus master active low DS2770 active low Resistor pullup Both bus master and DS2770 active low |