Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2951 Fiches technique(PDF) 16 Page - ON Semiconductor

No de pièce LP2951
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951 Fiches technique(HTML) 16 Page - ON Semiconductor

Back Button LP2951 Datasheet HTML 12Page - ON Semiconductor LP2951 Datasheet HTML 13Page - ON Semiconductor LP2951 Datasheet HTML 14Page - ON Semiconductor LP2951 Datasheet HTML 15Page - ON Semiconductor LP2951 Datasheet HTML 16Page - ON Semiconductor LP2951 Datasheet HTML 17Page - ON Semiconductor LP2951 Datasheet HTML 18Page - ON Semiconductor LP2951 Datasheet HTML 19Page - ON Semiconductor LP2951 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
16
ORDERING INFORMATION (NCV2951)
Part Number
Output Voltage
(Volts)
Tolerance (%)
Package
Shipping†
NCV2951ACD3.3R2G*
3.3
0.5
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
NCV2951ACDR2G*
5.0 or Adj.
0.5
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
NCV2951CDR2G*
5.0 or Adj.
1.0
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22