Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8952T Fiches technique(PDF) 18 Page - Cirrus Logic

No de pièce CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Fiches technique(HTML) 18 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
18
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Table 2. 4B5B Symbol Encoding/Decoding
DATA and CONTROL Codes (RX_ER = 0 or TX_ER = 0)
Name
5-bit Symbol
4-bit Nibble
Comments
DATA (Note 1)
0
11110
0000
1
01001
0001
2
10100
0010
3
10101
0011
4
01010
0100
5
01011
0101
6
01110
0110
7
01111
0111
8
10010
1000
9
10011
1001
A
10110
1010
B
10111
1011
C
11010
1100
D
11011
1101
E
11100
1110
F
11101
1111
CONTROL (Note 2)
I
11111
0101
IDLE (Note 3)
J
11000
0101
First Start of Stream Symbol
K
10001
0101
Second Start of Stream Symbol
T
01101
0000
First End of Stream Symbol
R
00111
0000
Second End of Stream Symbol
1.
DATA code groups are indicated by RX_DV = 1
2.
CONTROL code groups are inserted automatically during transmission in response to
TX_EN. They are not generated through any combination of TXD[3:0] or TX_ER.
3.
IDLE is indicated by RX_DV = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86