Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5509-AS Fiches technique(PDF) 3 Page - Cirrus Logic

No de pièce CS5509-AS
Description  SINGLE SUPPLY 16BIT A/D CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509-AS Fiches technique(HTML) 3 Page - Cirrus Logic

  CS5509-AS Datasheet HTML 1Page - Cirrus Logic CS5509-AS Datasheet HTML 2Page - Cirrus Logic CS5509-AS Datasheet HTML 3Page - Cirrus Logic CS5509-AS Datasheet HTML 4Page - Cirrus Logic CS5509-AS Datasheet HTML 5Page - Cirrus Logic CS5509-AS Datasheet HTML 6Page - Cirrus Logic CS5509-AS Datasheet HTML 7Page - Cirrus Logic CS5509-AS Datasheet HTML 8Page - Cirrus Logic CS5509-AS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CS5509
DS125F2
3
Notes: 8. All measurements are performed under static conditions.
9. Iout = -100 µA. This guarantees the ability to drive one TTL load. (VOH = 2.4 V at Iout = -40 µA).
Specifications are subject to change without notice
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Ratio
Unit
Modulator Sampling Frequency
fs
fclk/2
Hz
Output Update Rate (CONV = 1)
fout
fclk/1622
Hz
Filter Corner Frequency
f-3dB
fclk/1928
Hz
Settling Time to 1/2 LSB (FS Step)
ts
1/fout
s
5V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5V ±10%; GND = 0) (Notes 2 and 8)
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
XIN
All Pins Except XIN
VIH
3.5
2.0
-
-
-
-
V
V
Low-Level Input Voltage
XIN
All Pins Except XIN
VIL
-
-
-
-
1.5
0.8
V
V
High-Level Output Voltage
(Note 9)
VOH
(VD+) -1.0
-
-
V
Low-Level Output Voiltage
Iout = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
3.3V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+ = 5V ±10%; VD+ = 3.3V ±5%; GND = 0)
(Notes 2 and 8)
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
XIN
All Pins Except XIN
VIH
0.7 VD+
0.6 VD+
-
-
-
-
V
V
Low-Level Input Voltage
XIN
All Pins Except XIN
VIL
-
-
-
-
0.3 VD+
0.16 VD+
V
V
High-Level Output Voltage
(Note 9)
VOH
(VD+) -0.3
-
-
V
Low-Level Output Voiltage
Iout = 1.6 mA
VOL
--
0.3
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23