| Moteur de recherche de fiches techniques de composants électroniques |
|
XC62FP3002LB Fiches technique(PDF) 13 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP3002LB Fiches technique(HTML) 13 Page - Torex Semiconductor |
|
13 / 16 page ![]() 1.90 1.95 2.00 2.05 2.10 -40 -20 0 20 40 60 80 100 40mA 3.90 3.95 4.00 4.05 4.10 -40 -20 0 20 40 60 80 100 40mA 4.90 4.95 5.00 5.05 5.10 -40 -20 0 20 40 60 80 100 Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) Ambient Temp.:Topr (℃) 40mA 2.90 2.95 3.00 3.05 3.10 -40 -20 0 20 40 60 80 100 40mA (5) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE XC62FP5002 (5V) XC62FP4002 (4V) XC62FP2002 (2V) XC62FP3002 (3V) VIN=6V VIN=6V VIN=4V VIN=3V CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) IOUT=10mA IOUT=10mA IOUT=10mA IOUT=10mA 1.0 1.5 2.0 2.5 3.0 -40 -20 0 20 40 60 80 100 1.0 1.5 2.0 2.5 3.0 -40 -20 0 20 40 60 80 100 1.0 1.5 2.0 2.5 3.0 -40 0 -20 20 40 60 80 100 1.0 1.5 2.0 2.5 3.0 -40 -20 0 20 40 60 80 100 (6) SUPPLY CURRENT vs. AMBIENT TEMPERATURE XC62FP5002 (5V) XC62FP4002 (4V) VIN=5V VIN=6V XC62FP2002 (2V) XC62FP3002 (3V) VIN=4V VIN=3V XC62FP Series 297 3 03S_05XC62FP 02.9.12 3:01 PM ページ 297 |