| Moteur de recherche de fiches techniques de composants électroniques |
|
XC62FP3001PB Fiches technique(PDF) 10 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP3001PB Fiches technique(HTML) 10 Page - Torex Semiconductor |
|
10 / 16 page ![]() XC62FP Series 294 3 ■Typical Performance Characteristics 4.7 4.8 4.9 5.0 5.1 0 20 40 60 80 100 120 140 160 180 Topr=25℃ 85℃ -40℃ 2.7 2.8 2.9 3.0 3.1 0 20 40 60 80 100 120 140 160 180 Topr=25℃ 85℃ -40℃ 1.7 1.8 1.9 2.0 2.1 0 20 40 60 80 100 120 Topr=-40℃,25℃ 85℃ 3.7 3.8 3.9 4.0 4.1 0 20 40 60 80 100 120 140 160 180 Topr=25℃ 85℃ -40℃ (1) OUTPUT VOLTAGE vs. OUTPUT CURRENT XC62FP5002 (5V) VIN=6V CIN=1 µF(tantalum), CL=1µF(tantalum) XC62FP4002 (4V) VIN=5V CIN=1 µF(tantalum), CL=1µF(tantalum) XC62FP3002 (3V) XC62FP2002 (2V) CIN=1 µF(tantalum), CL=1µF(tantalum) VIN=4V CIN=1 µF(tantalum), CL=1µF(tantalum) VIN=3V Output Current:IOUT (mA) Output Current:IOUT (mA) Output Current:IOUT (mA) Output Current:IOUT (mA) 3.2 3.4 3.6 3.8 4.0 4.2 3.5 4.0 4.5 Topr=25℃ IOUT=1mA 40mA 10mA 3.85 3.90 3.95 4.00 4.05 4.10 4 5678 9 10 IOUT=1mA、10mA Topr=25℃ 40mA 4.2 4.4 4.6 4.8 5.0 5.2 4.5 5.0 5.5 XC62FP5002 (5V) Topr=25℃ 40mA 10mA 4.85 4.90 4.95 5.00 5.05 5.10 56 7 8 9 10 IOUT=1mA Topr=25℃ 40mA 10mA (2) OUTPUT VOLTAGE vs. INPUT VOLTAGE XC62FP5002 (5V) XC62FP4002 (4V) XC62FP4002 (4V) Input Voltage:VIN (V) Input Voltage:VIN (V) Input Voltage:VIN (V) Input Voltage:VIN (V) CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) CIN=1 µF(tantalum), CL=1µF(tantalum) IOUT=1mA 03S_05XC62FP 02.9.12 3:01 PM ページ 294 |