| Moteur de recherche de fiches techniques de composants électroniques |
|
KIA78D06F/PI Fiches technique(PDF) 2 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA78D06F/PI Fiches technique(HTML) 2 Page - KEC(Korea Electronics) |
|
2 / 6 page ![]() 2015. 5. 13 2/6 KIA78D25F/PI~78D15F/PI Revision No : 10 CHARACTERISTIC SYMBOL RATING UNIT Input Voltage VIN 35 V Output Current IO 1 A Power Dissipation-1 (No Heatsink) F PD1 1.3 W PI 2.0 Power Dissipation-2 (Infinite Heatsink) F PD2 13 PI 20.8 Junction Temperature Tj 150 ℃ Operating Temperature Topr -40 ~85 ℃ Storage Temperature Tstg -50 ~150 ℃ Soldering Temperature (10sec) Tsol 260 ℃ MAXIMUM RATINGS (Ta=25 ℃) BLOCK DIAGRAM |