| Moteur de recherche de fiches techniques de composants électroniques |
|
KIA78R000F/PI Fiches technique(PDF) 7 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA78R000F/PI Fiches technique(HTML) 7 Page - KEC(Korea Electronics) |
|
7 / 10 page ![]() 2005. 11. 8 7/10 KIA78R000F/PI~KIA78R050F/PI Revision No : 3 A A V CIN 0.33 µF I R I Q L R1 R1 R2 1ΚΩ R2 o V = V x ( 1 + ) = 1.25 x ( 1 + ) OUT ref VIN COUT 47 µF Fig. 1 Standard Test Circuit & Application Circuit (Adjustable-Type) R1 R2 A A A V I R I Q L O VOUT VIN Fig. 2 Standard Test Circuit (Fixed-Type) VOUT VIN VOUT Adj VC GND A IC VC VIN VOUT VC GND IC VC CIN 0.33 µF COUT 47 µF CIN : More than 0.33 F required if regulator is located an appreciable distance from power supply filter. You must use to prevent from the parasitic oscillation. COUT : More than 47 F. You must use the Low-impedance-type(low ESR) capacitor. |