| Moteur de recherche de fiches techniques de composants électroniques |
|
RAM-6900 Fiches technique(PDF) 3 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
RAM-6900 Fiches technique(HTML) 3 Page - Red Lion Controls. Inc |
|
3 / 3 page ![]() RAM 6000 LTE Multi-Carrier Specifications w w w .r edlion.net Connect. Monitor. Control. Americas sales@redlion.net Asia-Pacific asia@redlion.net Europe Middle East Africa europe@redlion.net +1 (717) 767-6511 ADLD0197 042116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners. As the global experts in communication, monitoring and control for industrial automation and networking, Red Lion has been delivering innovative solutions for over forty years. Our automation, Ethernet and cellular M2M technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is part of Spectris plc, the productivity-enhancing instrumentation and controls company. For more information, please visit www.redlion.net. ORDERING GUIDE PART NUMBER PRODUCT LINE SERIAL RS-232 ETHERNET 10/100 CELLULAR POWER CONNECTOR DEFAULT CARRIERS** RAM-6900-(Carrier Code) RAM 1 1 4G LTE Molex end connector cable AT (AT&T); VZ (Verizon); AM (Generic - Bell Mobility, TELUS and Rogers); EU (Europe and Asia Carrier Support); JP (Japan) RAM-6901-(Carrier Code) RAM 1 1 4G LTE DC powered RAM-6901EB-(Carrier Code) RAM 1 1 4G LTE PoE (Power Over Ethernet) RAM-6921-(Carrier Code) RAM 1 5 4G LTE DC powered * See Band/Frequency table for compatability ** Carrier that is pre-configured on device. Carrier can be selected via software. FREQUENCY SPECIFICATIONS North America Models (AT/VZ/AM) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 2, 4, 5, 13, 17, 25 700/850/1900 & 1700(AWS)/2100(AWS) MHz MIMO Required Fallback CDMA/EVDO BC0, BC1, BC10 800/1900 MHz Diversity Support Fallback HSPA+ 1, 2, 4, 5, 8 850/900/1900/2100 & 1700(AWS)/2100(AWS) MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - Rest of World Model (EU) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 1, 3, 7, 8, 20 800/900/1800/2100/2600 MHz MIMO Required Fallback HSPA+ 1, 2, 5, 8 850/900/1900/2100 MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - Japanese Model (JP) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 1, 19, 21 850/1500/1900/2100 MHz MIMO Required Fallback HSPA+ 1, 5, 6, 19 800/850/2100 MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - All specifications are subject to change. Consult the company website for more information. |