| Moteur de recherche de fiches techniques de composants électroniques |
|
RAM-9000 Fiches technique(PDF) 3 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
RAM-9000 Fiches technique(HTML) 3 Page - Red Lion Controls. Inc |
|
3 / 3 page ![]() RAM 9000 LTE Multi-Carrier Specifications w w w .r edlion.net Connect. Monitor. Control. Americas sales@redlion.net Asia-Pacific asia@redlion.net Europe Middle East Africa europe@redlion.net +1 (717) 767-6511 ADLD0384 061416 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners. As the global experts in communication, monitoring and control for industrial automation and networking, Red Lion has been delivering innovative solutions for over forty years. Our automation, Ethernet and cellular M2M technology enables companies worldwide to gain real-time data visibility that drives productivity. Product brands include Red Lion, N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company has offices across the Americas, Asia-Pacific and Europe. Red Lion is part of Spectris plc, the productivity-enhancing instrumentation and controls company. For more information, please visit www.redlion.net. ORDERING GUIDE MODEL NUMBER SERIES SERIAL ETHERNET WI-FI CELLULAR POWER CONNECTOR DEFAULT CARRIERS** RS-232 RS-485 10/100 RAM-9911-(Carrier Code) RAM 1 1 2 (WAN/LAN) N 4G LTE DC powered (AT) AT&T; (VZ) Verizon; (AM) Generic; (EU)Europe/Asia; (JP) Japan RAM-9931-(Carrier Code) RAM 1 1 2 (WAN/LAN) Y 4G LTE DC powered * AM (Generic) model includes Bell Mobility, TELUS and Rogers carriers. EU (Europe and Asia) model is not supported in North America. JP (Japan) model only supported in Japan. ** Carrier that is pre-configured on device. Carrier can be selected via software. FREQUENCY SPECIFICATIONS North America Models (AT/VZ/AM) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 2, 4, 5, 13, 17, 25 700/850/1900 & 1700(AWS)/2100(AWS) MHz MIMO Required Fallback CDMA/EVDO BC0, BC1, BC10 800/1900 MHz Diversity Support Fallback HSPA+ 1, 2, 4, 5, 8 850/900/1900/2100 & 1700(AWS)/2100(AWS) MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - Rest of World Model (EU) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 1, 3, 7, 8, 20 800/900/1800/2100/2600 MHz MIMO Required Fallback HSPA+ 1, 2, 5, 8 850/900/1900/2100 MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - Japanese Model (JP) TECHNOLOGY BANDS FREQUENCIES ANTENNA CONFIGURATION LTE 1, 19, 21 850/1500/1900/2100 MHz MIMO Required Fallback HSPA+ 1, 5, 6, 19 800/850/2100 MHz Diversity Support Fallback GSM/GPRS/EDGE - 850/900/1800/1900 MHz - All specifications are subject to change. Consult the company website for more information. |