| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM3500E/2K Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM3500E/2K Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 26 page ![]() ® 1 PCM3500 International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 FEATURES q 16-BIT DELTA-SIGMA DAC AND ADC q DESIGNED FOR MODEM ANALOG FRONT END: Supports up to 56kbps Operation q ANALOG PERFORMANCE: Sampling Frequency: 7.2kHz to 26kHz Dynamic Range: 88dB (typ) at fS = 8kHz, fIN = 1kHz q SYSTEM CLOCK: 512f S q MASTER OR SLAVE OPERATION q ON-CHIP CRYSTAL OSCILLATOR CIRCUIT q ADC-TO-DAC LOOP-BACK MODE q TIME SLOT MODE SUPPORTS UP TO FOUR CODECs ON A SINGLE SERIAL INTERFACE q POWER-DOWN MODE: 60 µA (typ) DESCRIPTION The PCM3500 is a low cost, 16-bit CODEC designed for modem Analog Front End (AFE) and speech pro- cessing applications. The PCM3500’s low power op- eration from +2.7V to +3.6V power supplies, along with an integrated power-down mode, make it ideal for portable applications. The PCM3500 integrates all of the functions needed for a modem or voice CODEC, including delta-sigma © 1999 Burr-Brown Corporation PDS-1524B Printed in U.S.A. February, 2000 PCM3500 ® Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC APPLICATIONS q SOFTWARE MODEMS FOR: Personal Digital Assistant Notebook and Hand-Held PCs Set-Top Box Digital Television Embedded Systems q PORTABLE VOICE RECORDER/PLAYER q SPEECH RECOGNITION/SYNTHESIS q TELECONFERENCING PRODUCTS TM digital-to-analog and analog-to-digital converters, in- put anti-aliasing filter, digital high-pass filter for DC blocking, and an output low-pass filter. The synchro- nous serial interface provides for a simple, or glue-free interface to popular DSP and RISC processors. The serial interface also supports Time Division Multiplex- ing (TDM), allowing up to four CODECs to share a single 4-wire serial bus. PCM3500 Interpolation Digital Filter Mode Control Decimation Digital Filter Reference AAF HPF M/S HPFD TSC XTI XTO LOOP V REF1 V COM V REF2 V IN AGND PDWN Power DGND AGND V DD V CC Loop FS BCK DIN DOUT FSO SCKIO Clock Gen/ OSC ∆Σ Modulator (ADC) ∆Σ Modulator SMF V OUT AGND Multi-Level DAC q POWER SUPPLY: Single +2.7V to +3.6V q SMALL PACKAGE: SSOP-24 For most current data sheet and other product information, visit www.burr-brown.com SBAS117 |
Numéro de pièce similaire - PCM3500E/2K |
|
Description similaire - PCM3500E/2K |