Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89C668HBA Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce P89C668HBA
Description  80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668HBA Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button P89C668HBA Datasheet HTML 15Page - NXP Semiconductors P89C668HBA Datasheet HTML 16Page - NXP Semiconductors P89C668HBA Datasheet HTML 17Page - NXP Semiconductors P89C668HBA Datasheet HTML 18Page - NXP Semiconductors P89C668HBA Datasheet HTML 19Page - NXP Semiconductors P89C668HBA Datasheet HTML 20Page - NXP Semiconductors P89C668HBA Datasheet HTML 21Page - NXP Semiconductors P89C668HBA Datasheet HTML 22Page - NXP Semiconductors P89C668HBA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Philips Semiconductors
Preliminary data
P89C668
80C51 8-bit Flash microcontroller family
64KB ISP Flash with 8KB RAM
2001 Jul 27
19
Interrupt Priority Structure
The P89C668 has an 8 source four-level interrupt structure (see
Table 8).
There are 4 SFRs associated with the four-level interrupt. They are
the IE, IEN1, IP, and IPH. (See Figures 10, 11, 12, and 13.) The IPH
(Interrupt Priority High) register makes the four-level interrupt
structure possible. The IPH is located at SFR address B7H. The
structure of the IPH register and a description of its bits is shown in
Figure 12.
The function of the IPH SFR is simple and when combined with the
IP SFR determines the priority of each interrupt. The priority of each
interrupt is determined as shown in the following table:
PRIORITY BITS
INTERRUPT PRIORITY LEVEL
IPH.x
IP.x
INTERRUPT PRIORITY LEVEL
0
0
Level 0 (lowest priority)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest priority)
The priority scheme for servicing the interrupts is the same as that
for the 80C51, except there are four interrupt levels rather than two
as on the 80C51. An interrupt will be serviced as long as an interrupt
of equal or higher priority is not already being serviced. If an
interrupt of equal or higher level priority is being serviced, the new
interrupt will wait until it is finished before being serviced. If a lower
priority level interrupt is being serviced, it will be stopped and the
new interrupt serviced. When the new interrupt is finished, the lower
priority level interrupt that was stopped will be completed.
Table 8.
Interrupt Table
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR?
VECTOR ADDRESS
X0
1
IE0
N (L)1
Y (T)2
03H
SI01 (I2C)
2
—
N
2BH
T0
3
TP0
Y
0BH
X1
4
IE1
N (L)
Y (T)
13H
T1
5
TF1
Y
1BH
SP
6
RI, TI
N
23H
T2
7
TF2, EXF2
N
3BH
PCA
8
CF, CCFn
n = 0–4
N
33H
NOTES:
1. L = Level activated
2. T = Transition activated
EX0
IEN0 (0A8H)
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables it.
BIT
SYMBOL
FUNCTION
IEN0.7
EA
Global disable bit. If EA = 0, all interrupts are disabled. If EA = 1, each interrupt can be individually
enabled or disabled by setting or clearing its enable bit.
IEN0.6
EC
PCA interrupt enable bit
IEN0.5
ES1
I2C interrupt enable bit.
IEN0.4
ES0
Serial Port interrupt enable bit.
IEN0.3
ET1
Timer 1 interrupt enable bit.
IEN0.2
EX1
External interrupt 1 enable bit.
IEN0.1
ET0
Timer 0 interrupt enable bit.
IEN0.0
EX0
External interrupt 0 enable bit.
SU01460
ET0
EX1
ET1
ES0
ES1
EC
EA
0
1
2
3
4
5
6
7
Figure 10. IE Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54