Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G86 Fiches technique(PDF) 9 Page - Diodes Incorporated

No de pièce 74LVC2G86
Description  DUAL 2-INPUT EXCLUSIVE-OR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G86 Fiches technique(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC2G86 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 10Page - Diodes Incorporated 74LVC2G86 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74LVC2G86
Document number: DS37931 Rev 1 - 2
9 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G86
X2-DFN1410-8 Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1410-8
1
A1
A
A3
E
D
b
L(7x)
La
e
A
e1
X2-DFN1410-8
Dim
Min
Max
Typ
A
0.30
0.35
0.33
A1
0.00
0.03
0.02
A3
--
--
0.10
b
0.12
0.20
0.15
D
1.30
1.40
1.35
E
0.95
1.05
1.00
e
--
--
0.35
e1
--
--
0.55
L
0.27
0.35
0.30
L1
0.32
0.40
0.35
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1410-8
1
X1
Y2
Y
Y
Y1
X
C
Dimensions
Value
(in mm)
C
0.350
X
0.200
X1
1.250
Y
0.600
Y1
0.650
Y2
1.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11