Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G08 Fiches technique(PDF) 8 Page - Diodes Incorporated

No de pièce 74LVC2G08
Description  DUAL 2-INPUT AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G08 Fiches technique(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC2G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 10Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74LVC2G08
Document number: DS37928 Rev 1 - 2
8 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G08
X2-DFN1210-8 Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1210-8
E k1
L(7x)
D
e
z(4x)
k
L1
z1(4x)
b
(Pin #1 ID)
C0.5X45°
Seating Plane
A
A1
X2-DFN1210-8
Dim
Min
Max
Typ
A
-
0.35
0.30
A1
0
0.03
0.02
b
0.10
0.20
0.15
D
1.15
1.25
1.20
E
0.95
1.05
1.00
e
-
-
0.30
k
-
-
0.25
k1
-
-
0.20
L
0.25
0.35
0.30
L1
0.30
0.40
0.35
z
0.050 0.100 0.075
z1
0.050 0.100 0.075
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1210-8
X1
Y2
C
X
Y
G
Dimensions
Value
(in mm)
C
0.300
G
0.150
X
0.150
X1
1.050
Y
0.500
Y1
1.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11