| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS8312 Fiches technique(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8312 Fiches technique(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 12 page ![]() 8312AY http://www.icst.com/products/hiperclocks.html REV. C JUNE 14, 2004 10 Integrated Circuit Systems, Inc. ICS8312 LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP TABLE 7. PACKAGE DIMENSIONS N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A B B M U M I N I ML A N I M O NM U M I X A M N 2 3 A - -- -0 6 . 1 1 A 5 0 . 0- -5 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 0 3 . 07 3 . 05 4 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D . f e R 0 6 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E . f e R 0 6 . 5 e C I S A B 0 8 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -0 1 . 0 Reference Document: JEDEC Publication 95, MS-026 |