| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8406 Fiches technique(PDF) 15 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8406 Fiches technique(HTML) 15 Page - Cirrus Logic |
|
15 / 43 page ![]() CS8406 DS580F1 15 ILRCK ISCLK SDIN 2 Left Justified (In) MSB LSB Left Right MSB I S (In) Right Justified (In) MSB LSB MSB LSB MSB Left Right MSB LSB MSB LSB Left Right LSB MSB LSB ILRCK ISCLK SDIN ILRCK ISCLK SDIN Figure 7. Serial Audio Input Example Formats X = don’t care to match format, but does need to be set to the desired setting + I²S can accept an arbitrary number of bits, determined by the number of ISCLK cycles * See Serial Input Port Data Format Register Bit Descriptions for an explanation of the meaning of each bit SIMS* SISF* SIRES[1:0]* SIJUST* SIDEL* SISPOL* SILRPOL* Left Justified X X 00+ 0 0 0 0 I²S XX00+ 0 1 0 1 Right Justified X X XX 1 0 0 0 |